Part Number Hot Search : 
AT1232 BRY56C A5800295 UPD703 SMP4861A DV28120V HY5DU568 1N5400
Product Description
Full Text Search
 

To Download SP-100-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOTAL POWER INT'L
100W Single Output with PFC Function
Features :
Universal AC input / full range
SP-100
series
Built-in active PFC function, PF>0.93 Protections:Short circuit/Over load/Over voltage Built-in constant current limiting circuit Remote ON-OFF control(Optional) LED indicator for power on 100% full load burn-in test Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT SP-100-3.3 3.3V 20A 0 ~ 20A 66W SP-100-5 5V 20A 0 ~ 20A 100W SP-100-7.5 7.5V 13.5A 0 ~ 13.5A 101.25W 100mVp-p SP-100-12 12V 8.5A 0 ~ 8.5A 102W 100mVp-p SP-100-13.5 SP-100-15 13.5V 7.5A 0 ~ 7.5A 101.25W 100mVp-p 15V 6.7A 0 ~ 6.7A 100.5W 100mVp-p SP-100-24 24V 4.2A 0 ~ 4.2A 100.8W 150mVp-p SP-100-27 27V 3.8A 0 ~ 3.8A 102.6W 150mVp-p SP-100-48 48V 2.1A 0 ~ 2.1A 100.8W 250mVp-p
100mVp-p RIPPLE & NOISE (max.) Note.2 100mVp-p VOLTAGE ADJ. RANGE 3.14 ~ 3.63V 4.75 ~ 5.5V 2.0% VOLTAGE TOLERANCE Note.3 2.0% LINE REGULATION LOAD REGULATION SETUP, RISE, HOLD TIME VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR
0.5%
1.0%
85 ~ 264VAC 47~63Hz PF>0.93/230VAC 70% 76%
7.13 ~ 8.25V 11.4 ~ 13.2V 12.8 ~ 14.9V 14.3 ~ 16.5V 22.8 ~ 26.4V 25.7 ~ 29.7V 45.6 ~ 52.8V 2.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0%
0.5%
1.0%
0.5%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
600ms, 30ms, 20ms at full load 120 ~ 370VDC PF>0.98/115VAC at full load 78% 80% 80% 82% 84% 83% 82%
INPUT
EFFICIENCY (Typ.) AC CURRENT INRUSH CURRENT (max.) LEAKAGE CURRENT OVER LOAD
1.7A/115VAC 0.8A/230VAC COLD START 40A/230VAC <2mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed 3.63 ~ 4.46V 5.5 ~ 6.75V 8.25 ~ 10.13V 13.2 ~ 16.2V 14.85 ~ 18.23V 16.5 ~ 20.25V 26.4 ~ 32.4V 29.7 ~ 36.45V 52.8 ~ 64.8V
PROTECTION
OVER VOLTAGE FUNCTION
Protection type : Shut down o/p voltage, re-power on to recover REMOTE CONTROL(OPTION) CN1:4 ~ 10VDC POWER ON, <0 ~ 0.8VDC POWER OFF -10 ~ +60 (Refer to output load derating curve) WORKING TEMP.
20 ~ 90% RH non-condensing WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY -20 ~ +85 , 10 ~ 95% RH TEMP. COEFFICIENT 0.05%/ (0 ~ 50 VIBRATION 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes SAFETY STANDARDS UL1950, TUV EN60950 Approved WITHSTAND VOLTAGE I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC SAFETY & ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B EMC (Note 4) HARMONIC CURRENT Compliance to EN61000-3-2,-3
EMS IMMUNITY MTBF OTHERS DIMENSION PACKING
NOTE
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A
211.3K hrs min. MIL-HDBK-217F (25 179*99*45mm (L*W*H) 0.6Kg; 20pcs/12Kg/1.17CUFT )
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
TOTAL POWER INT'L
100W Single Output with PFC Function
Mechanical Specification
179
SP-100
Case No. 915A
series
Unit:mm
20
25
117
123
25
60
65
R.C. +V ADJ.
CN1 1 2 LED 7
6 5 2-M4 L=5mm
51
9.5
4
3 2 1
8
5-M3 L=3mm
49.5
38
15
142
25
16
25
25
3 .5
3-M4 L=6mm
Terminal pin number assignment :
Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. 4,5 6,7 Assignment DC OUTPUT -V DC OUTPUT +V
Remote ON/OFF(CN1):JST S2B-XH or equivalent(optional)
Pin No. 1 2 Assignment RC+ RCMating Housing JST XHP or equivalent Terminal JST SXH-001T-P0.6 or equivalent
Derating Curve
Output Derating VS Input Voltage
Ta=25
100
SP-100-12~48 SP-100-3.3~7.5 (With 18CFM FAN)
100 90 80
80
60
LOAD (%)
SP-100-3.3 SP-100-5 SP-100-7.5
70
LOAD (%)
40
60 50 40
20
-10 -10
0 0
10 10
20 20
40 45
50 55
55 60
60 (HORIZONTAL) 70 (VERTICAL)
85
100
115
12.5
135
45
10
155
119
79
99
230
264
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (VAC) 60Hz


▲Up To Search▲   

 
Price & Availability of SP-100-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X